Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 25Page - ams-OSRAM AG CHR71000 Datasheet HTML 26Page - ams-OSRAM AG CHR71000 Datasheet HTML 27Page - ams-OSRAM AG CHR71000 Datasheet HTML 28Page - ams-OSRAM AG CHR71000 Datasheet HTML 29Page - ams-OSRAM AG CHR71000 Datasheet HTML 30Page - ams-OSRAM AG CHR71000 Datasheet HTML 31Page - ams-OSRAM AG CHR71000 Datasheet HTML 32Page - ams-OSRAM AG CHR71000 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
29 / 54
/
7.3.2.2
Using the internal sequencer
When using the internal sequencer, all image core signals are generated on the chip. The only
digital inputs that need to be driven when using the sequencer are CLK_IN, RESET_N,
SEQ_START and SEQ_STOP. The SEQ_START is pulsed to initiate a frame transfer and
SEQ_STOP can be used to stop a frame transfer before it is finished. The rest of the timing is
controlled through register upload. The internal sequencer is enabled by writing a '1' to the
register reg_seq_enable.
The most important properties that are controlled through register upload are:
•
The number of frames that are grabbed after a pulse on SEQ_START. (Set by register
reg_nrof_frames[15:0]. The range is 1 to 65535. If a value of 0 is uploaded, the sensor
sends out frames continuously until stopped by a pulse on SEQ_STOP).
•
The integration time (expressed as number of line times). (Set by register
reg_inte_time[23:0]. The range is 1 to 224-1. A value of 0 is invalid).
•
The window and sub-sampling settings. (Set with registers reg_addr_x_start[9:0],
reg_addr_y_start[9:0], reg_addr_x_end[9:0], reg_addr_y_end[9:0] and reg_sub_y. The
range of this registers has been discussed before).
The timing generated by the sequencer follows the timing as specified in previous section, with
a setting of 60 clock cycles for sample length and 30 clock cycles for transfer length
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com