Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 34Page - ams-OSRAM AG CHR71000 Datasheet HTML 35Page - ams-OSRAM AG CHR71000 Datasheet HTML 36Page - ams-OSRAM AG CHR71000 Datasheet HTML 37Page - ams-OSRAM AG CHR71000 Datasheet HTML 38Page - ams-OSRAM AG CHR71000 Datasheet HTML 39Page - ams-OSRAM AG CHR71000 Datasheet HTML 40Page - ams-OSRAM AG CHR71000 Datasheet HTML 41Page - ams-OSRAM AG CHR71000 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
38 / 54
/
7.5.2
SPI read
When the control bit is ‘0’, the address bits are clocked in. The data bits on the SPI_DIN bus
are ignored. The data bits in the on-chip register indicated by the address bits are clocked out
(SPI_DOUT) at each falling edge of the clock with a fixed delay of 75ns from the last falling
SPI clock edge of the address. Therefor it is recommended to sample the read out bytes in at
the falling SPI clock edge.
If SPI_ENA is made low, the SPI logic immediately resets to an idle state. All transferred bits
during the active transfer will be lost. When writing and/or reading multiple registers
sequentially, it is allowed to keep SPI_ENA high in-between two transfers. Doing so allows you
to continuously read/write data, without a time gap between transfers.
Figure 20: SPI read timing
Table 12: SPI reading timing
Time
Description
Requirement
T1
spi_ena setup time before rising edge of spi_clk
Min 0.5x spi_clk period
T2
spi_din setup time before rising edge of spi_clk
Min 0.25x spi_clk period
T3
SPI clock period
Min 4x master clock period
SPI_CLK
SPI_ENA
SPI_DIN
SPI_DOUT
C=0
A[6]
A[5]
A[4]
A[3]
A[2]
A[1]
A[0]
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
T1
T2
T3
75ns
133ns @ 7.5MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com