Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 16Page - ams-OSRAM AG CHR71000 Datasheet HTML 17Page - ams-OSRAM AG CHR71000 Datasheet HTML 18Page - ams-OSRAM AG CHR71000 Datasheet HTML 19Page - ams-OSRAM AG CHR71000 Datasheet HTML 20Page - ams-OSRAM AG CHR71000 Datasheet HTML 21Page - ams-OSRAM AG CHR71000 Datasheet HTML 22Page - ams-OSRAM AG CHR71000 Datasheet HTML 23Page - ams-OSRAM AG CHR71000 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
20 / 54
/
The pixel array has 7096 rows and 10000 columns (dummy lines and columns not included)
and is read out in landscape mode. The readout sequence begins by starting an integration
period at the first row of the window. The address decoder is used to load pointers into the
integration time shift register at the start address (writeable over SPI). The shift registers shifts
its value into the next row at each clk_Y pulse (internally or externally generated). After the
required integration time, the readout of the window is started. This is done by loading a
pointer into the read shift register. This pointer is also shifted to the next row at each clk_Y
pulse (see also 7.3.2.1). The row selection logic is equipped at both sides to speed up the row
access time.
When a particular row is selected, its pixel values appear on the pixel column bus at the input
of the column amplifiers. These pixel values are sampled into the sample and hold capacitors
located in the column amplifier block. The column amplifier first samples the reset level of the
pixel, and then, after a transfer line pulse, the photo-induced signal of the pixels is sampled.
The X shift register is then activated. Both signals are sequentially sampled over 16
multiplexed bus lines to 8 parallel output channels. Subsampling in Y can be achieved by
programming the corresponding register, while 1-out-of-8 subsampling in the X direction is
achieved by just sampling data from a single output channel (ignoring data from other outputs).
An SPI interface is provided to program different on-chip registers. Amongst these registers
are the start and stop addresses of the window, bias settings for amplifiers, gain and offset
registers of the output channels, standby of output channels, etc.
It is provided that the sensor can be fully operated by external control signals. This is a
guarantee for the largest flexibility in mode of operation and possibility for full timing
optimization of the different blocks. However, we have also put a sequencer on-chip that will
generate all required control signals to operate the sensor from only a few external control
clocks. The timing of the signals from the sequencer is based on best operation mode
simulations but still quite allow some programmability. It supports full frame readout with
programmable integration time, number of frames, as well as subsampled and windowed
operation with possibility to move the window from frame to frame.
The default start-up condition is with external control signals. The sequencer can be activated
through the SPI interface and settings of an on-chip register. At that moment, most of the
external control signals are ignored and are generated by the sequencer instead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com