Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 19Page - ams-OSRAM AG CHR71000 Datasheet HTML 20Page - ams-OSRAM AG CHR71000 Datasheet HTML 21Page - ams-OSRAM AG CHR71000 Datasheet HTML 22Page - ams-OSRAM AG CHR71000 Datasheet HTML 23Page - ams-OSRAM AG CHR71000 Datasheet HTML 24Page - ams-OSRAM AG CHR71000 Datasheet HTML 25Page - ams-OSRAM AG CHR71000 Datasheet HTML 26Page - ams-OSRAM AG CHR71000 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
23 / 54
/
7.2.1
Power supplies
The CHR71000 image sensor needs six separate power supplies. Table 7 shows the typical
values for the different power supplies.
The typical current is what a typical sensor draws during idle and read out. The peak currents
drawn are mostly during ROT and should be countered with enough decoupling capacitors.
We recommend one 100µF bulk capacitor at the regulator side and one 100nF local capacitor
per supply pin (not plane!), close to the sensor pins.
7.2.2
Biasing
For optimal performance, some pins need to be decoupled to ground or a Vdd. Please refer to
the pin list for a detailed description for every pin and the appropriate decoupling if applicable.
The table below gives an overview of the external I/O and power pins used to drive the sensor.
Table 7: Logic pins
Use
Name
Description
PWR
VDDD
Digital power
GND
VSSD
Digital ground
I
CLK_IN
Sensor master clock input
I
RESET_N
Global asynchronous active-low reset
I
SEQ_START
Start sequencer operation
I
SEQ_STOP
Stop sequencer operation
Signals for sequencer bypass
I
SYNC_X
Sets x shift register to start address
I
CLK_Y
Clock for y shift register
I
SYNC_Y_READ
Sets y read shift register to start address
I
SYNC_Y_INTE
Shifts input of y inte shift register at start address
I
PIX_TRANSFER
Transfer signal for pixels
I
PIX_RESET
Reset signal for pixels
I
PIX_SELECT
Select signal for pixels
I
COL_SAMPLE
Sample signal for columns
I
COL_SAMPLE_R
Sample reset value of pixels in columns
I
COL_SAMPLE_S
Sample signal value of pixels in columns
I
COL_INIT
Initiation signal for column amplifier
I
COL_PRECHARGE
Precharge signal for columns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com