Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 35Page - ams-OSRAM AG CHR71000 Datasheet HTML 36Page - ams-OSRAM AG CHR71000 Datasheet HTML 37Page - ams-OSRAM AG CHR71000 Datasheet HTML 38Page - ams-OSRAM AG CHR71000 Datasheet HTML 39Page - ams-OSRAM AG CHR71000 Datasheet HTML 40Page - ams-OSRAM AG CHR71000 Datasheet HTML 41Page - ams-OSRAM AG CHR71000 Datasheet HTML 42Page - ams-OSRAM AG CHR71000 Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
39 / 54
/
7.6
Reading out the sensor
7.6.1
Analog data output
The CHR71000 image sensor has 16 internal output channels which are multiplexed to 8
parallel outputs (OUT_0 to OUT_7).
7.6.2
Timing of chip outputs
There are two digital outputs available that assist frame grabbing. The output OUT_LVAL
indicates when valid pixel information is available at the outputs (see Figure 21). The output
OUT_CLK_SMP is a sampling clock with the same frequency as the master input clock. This
signal can be used to drive external ADC's to ensure correct signal sampling.
Figure 21: Timing of OUT_CLK_SMP and OUT_LVAL signals
The OUT_LVAL signal is only pulsed when using the internal sequencer. If the sequencer is
disabled, it will be '0' continuously.
The output signal OUT_LVAL can be delayed in steps of 1 master clock cycle. This could be
used to incorporate the delay of the data path external to the sensor in the timing of
OUT_LVAL. The register for this delay value is register 17 (reg_del_lval).
When using external timing, you can use the CLK_Y, SYNC_Y_READ and the SYNC_X
pulses to know when data is being output. The data read out starts 4 clock pulses after
SYNC_X.
CLK_IN
OUT_LVAL
OUT[0]
PIX 0
PIX 8
...
PIX n-16 PIX n-8
OUT_CLK_SMP
OUT[7]
PIX 7
PIX 15
...
PIX n-9
PIX n-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com