Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 5Page - ams-OSRAM AG CHR71000 Datasheet HTML 6Page - ams-OSRAM AG CHR71000 Datasheet HTML 7Page - ams-OSRAM AG CHR71000 Datasheet HTML 8Page - ams-OSRAM AG CHR71000 Datasheet HTML 9Page - ams-OSRAM AG CHR71000 Datasheet HTML 10Page - ams-OSRAM AG CHR71000 Datasheet HTML 11Page - ams-OSRAM AG CHR71000 Datasheet HTML 12Page - ams-OSRAM AG CHR71000 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
CHR71000
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
9 / 54
/
Pin number
Pin name
Description
Remarks
B13
DAC_LOW
DAC low reference voltage
Connect to 100nF capacitor to
GND (or force bias voltage(1))
D1
RESET_N
Global asynchronous active low
reset
D2
CLK_Y
Clock for y shift register
External signal for sequencer
bypass
D3
PIX_RESET
Reset signal for pixels
External signal for sequencer
bypass
D4
COL_SAMPLE
Sample signal for columns
External signal for sequencer
bypass
D5
VDD_A
Analog power supply
65mA normal operation (all pins)
D6
GND
0V reference
D7
GND
0V reference
D8
VDD_A
Analog power supply
65mA normal operation (all pins)
D9
COL_ENABLE
Enable signal for column amplifier
External signal for sequencer
bypass
D10
SPI_CLK
SPI clock input
D11
GND
0V reference
D12
PH1
Test diode, pixel array
Not used. Do not connect.
D13
DAC_HIGH
DAC high reference voltage
Connect to 100nF capacitor to
GND (or force bias voltage(1))
E1
SEQ_START
Start sequencer operation
E2
PIX_TRANSFER
Transfer signal for pixels
External signal for sequencer
bypass
E3
PIX_SELECT
Select signal for pixels
External signal for sequencer
bypass
E4
COL_SAMPLE_R
Sample reset signal for columns
External signal for sequencer
bypass
E5
COL_SAMPLE_S
Sample signal signal for columns
External signal for sequencer
bypass
E6
GND
0V reference
E7
VDD_A
Analog power supply
65mA normal operation (all pins)
E8
COL_INIT
Init signal for column amplifier
External signal for sequencer
bypass
E9
COL_PRECHARGE
Precharge signal for columns
External signal for sequencer
bypass
E10
CMD_COL1
Bias setting column amp 1
Connect to 100nF capacitor to
VDD_ANA (or force bias
voltage(1))
E11
CMD_COL2
Bias setting column amp 2
Connect to 100nF capacitor to
VDD_ANA (or force bias
voltage(1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com