Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 4 Page - ams-OSRAM AG

  CHR71000 Datasheet HTML 1Page - ams-OSRAM AG CHR71000 Datasheet HTML 2Page - ams-OSRAM AG CHR71000 Datasheet HTML 3Page - ams-OSRAM AG CHR71000 Datasheet HTML 4Page - ams-OSRAM AG CHR71000 Datasheet HTML 5Page - ams-OSRAM AG CHR71000 Datasheet HTML 6Page - ams-OSRAM AG CHR71000 Datasheet HTML 7Page - ams-OSRAM AG CHR71000 Datasheet HTML 8Page - ams-OSRAM AG CHR71000 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
CHR71000
General description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
4 / 54
/
CHR71000 High resolution 70 MP CMOS
image sensor
1
General description
The CHR71000 is a High resolution 70 MP CMOS image sensor with 10000 by 7096 pixels.
The image array consists of 3.1μm x 3.1μm pinned diode pixels which share a number of
transistors (2 pixels sharing). The image sensor has 8 analog outputs, each running at 30MHz.
The image sensor also integrates a programmable gain amplifier and offset regulation. This
results in a frame rate of 3fps at full resolution. Higher frame rates can be achieved in
windowing mode or subsampling mode. These and other settings are all programmable using
the SPI interface. All internal exposure and read out timings are generated by a programmable
on-board sequencer. External triggering and exposure programming is also possible.
1.1
Key benefits & features
The benefits and features of CHR71000, High resolution 70 MP CMOS image sensor are listed
below:
Table 1: Added value of using CHR71000
Benefits
Features
Designed for high performance applications
A resolution of 10000×7096 pixels
Moving window
Possible to change the position of the window without
intermediate register uploads
Small rolling shutter pixel
Active pixels on a 3.1µm pitch
1.2
Applications
Flat Panel Display Inspection
Document Scanning
Aerial Mapping and Surveillance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com