Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 15Page - ams-OSRAM AG CHR71000 Datasheet HTML 16Page - ams-OSRAM AG CHR71000 Datasheet HTML 17Page - ams-OSRAM AG CHR71000 Datasheet HTML 18Page - ams-OSRAM AG CHR71000 Datasheet HTML 19Page - ams-OSRAM AG CHR71000 Datasheet HTML 20Page - ams-OSRAM AG CHR71000 Datasheet HTML 21Page - ams-OSRAM AG CHR71000 Datasheet HTML 22Page - ams-OSRAM AG CHR71000 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
19 / 54
/
7
Functional description
7.1
Sensor architecture
Figure 10 shows the general sensor architecture. It basically consists of the pixel array,
addressable shift registers in X and Y direction (for pixel read out) and column amplifiers of
which the signals are multiplexed to the sensor analog outputs.
Figure 10: Connection diagram for the CHR71000 image sensor
CHR71000
Image Sensor
Vdd_ana
3.3V
Vdd_dig
3.3V
Vdd_pix
3.0V
Vdd_AB
0.0V
Vdd_res
3.6V
Vdd_trans
3.3V
Vdd_ana
Vdd_pix
RESET_N
SPI_ENA
SPI_CLK
SPI_DIN
SPI_DOUT
SEQ_STOP
CLK_IN
SEQ_START
All ground pins
8 Analog
Outputs
Output Valid
Sample Clock
Decoupling pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com