Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 6Page - ams-OSRAM AG CHR71000 Datasheet HTML 7Page - ams-OSRAM AG CHR71000 Datasheet HTML 8Page - ams-OSRAM AG CHR71000 Datasheet HTML 9Page - ams-OSRAM AG CHR71000 Datasheet HTML 10Page - ams-OSRAM AG CHR71000 Datasheet HTML 11Page - ams-OSRAM AG CHR71000 Datasheet HTML 12Page - ams-OSRAM AG CHR71000 Datasheet HTML 13Page - ams-OSRAM AG CHR71000 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
CHR71000
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
10 / 54
/
Pin number
Pin name
Description
Remarks
E12
CMD_OUT1
Bias setting output amp 1
(CDS/PGA)
Connect to 100nF capacitor to
GND (or force bias voltage(1))
E13
CMD_OUT2
Bias setting output amp 2 (output
buffer)
Connect to 100nF capacitor to
GND (or force bias voltage(1))
M1
VDD_TRANSFER
Power supply for the transfer pixel
lines
Peak current at start up(2), 10mA
peak normal operation (all pins)
M2
VDD_RESET
Power supply for the reset pixel
lines
Peak current at start up(2), 10mA
peak normal operation (all pins)
M3
GNDAB
Anti-blooming supply (reset and
transfer low level)
Sink current, max. 10mA (all pins).
Can be tied to analog ground.
M4
EOS_Y_L_READ
EOS from left read shift register in
y direction
Not used. Do not connect.
M5
EOS_Y_L_INTE
EOS from left integration shift
register in y direction
Not used. Do not connect.
M6
VDD_PIX
Pixel array power supply
Has large peak currents during
RBT
M7
GND
0V reference
M8
EOS_Y_R_INTE
EOS from right integration shift
register in y direction
Not used. Do not connect.
M9
EOS_Y_R_READ
EOS from right read shift register
in y direction
Not used. Do not connect.
M10
CMD_COL3
Bias setting column load 1 (ctu)
Connect to 100nF capacitor to
VDD_PIX (or force bias voltage(1))
M11
CMD_COL4
Bias setting column load 2
(precharge)
Connect to 100nF capacitor to
VDD_PIX (or force bias voltage(1))
M12
VDD_PIX
Pixel array power supply
Peak currents during RBT
M13
GND
0V reference
(1) Bias signals generated on-chip, forced outside if needed.
(2) Possibly large peak current at start-up; may be limited by resistance to pin or slower ramp-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com