Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 4Page - ams-OSRAM AG CHR71000 Datasheet HTML 5Page - ams-OSRAM AG CHR71000 Datasheet HTML 6Page - ams-OSRAM AG CHR71000 Datasheet HTML 7Page - ams-OSRAM AG CHR71000 Datasheet HTML 8Page - ams-OSRAM AG CHR71000 Datasheet HTML 9Page - ams-OSRAM AG CHR71000 Datasheet HTML 10Page - ams-OSRAM AG CHR71000 Datasheet HTML 11Page - ams-OSRAM AG CHR71000 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
CHR71000
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
8 / 54
/
3.2
Pin description
Table 2: Pin description of CHR71000
Pin number
Pin name
Description
Remarks
A1
CLK_IN
Master clock input
A2
SEQ_STOP
Stop sequencer operation
A3
OUT_LVAL
Indicates if outputs when valid
(pixel signal)
A4
SYNC_Y_READ
Sets y read shift register to start
address
External signal for sequencer
bypass
A5
OUT_0
Analog sensor output
Max. 20pF
A6
OUT_2
Analog sensor output
Max. 20pF
A7
OUT_4
Analog sensor output
Max. 20pF
A8
OUT_6
Analog sensor output
Max. 20pF
A9
VDD_D
Digital power supply
250mA peak current (all pins)
A10
SPI_DOUT
SPI data output (data from slave
to master)
A11
VDD_D
Digital power supply
250mA peak current (all pins)
A12
EOS_X
EOS from shift register in x
direction
Not used. Do not connect.
A13
VREF
Internal bandgap reference
voltage
Connect to 100nF capacitor to
GND (or force bias reference
voltage(1))
B1
GND
0V reference
B2
SYNC_X
Sets x shift register to start
address
External signal for sequencer
bypass
B3
OUT_CLK_SMP
Sample clock (indicates when
outputs are best sampled)
B4
SYNC_Y_INTE
Shifts input of y inte shift register
at start address
External signal for sequencer
bypass
B5
OUT_1
Analog sensor output
Max. 20pF
B6
OUT_3
Analog sensor output
Max. 20pF
B7
OUT_5
Analog sensor output
Max. 20pF
B8
OUT_7
Analog sensor output
Max. 20pF
B9
SPI_ENA
SPI enable signal (data transfer
only valid when high)
B10
SPI_DIN
SPI data input (data from master
to slave)
B11
GND
0V reference
B12
PH2
Test diode, full n-well diode
Not used. Do not connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com