Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 52 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 52 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 46Page - ams-OSRAM AG CHR71000 Datasheet HTML 47Page - ams-OSRAM AG CHR71000 Datasheet HTML 48Page - ams-OSRAM AG CHR71000 Datasheet HTML 49Page - ams-OSRAM AG CHR71000 Datasheet HTML 50Page - ams-OSRAM AG CHR71000 Datasheet HTML 51Page - ams-OSRAM AG CHR71000 Datasheet HTML 52Page - ams-OSRAM AG CHR71000 Datasheet HTML 53Page - ams-OSRAM AG CHR71000 Datasheet HTML 54Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
CHR71000
Soldering & storage information
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
52 / 54
/
11.3
Storage
Image sensors should be stored under the following conditions:
Dust free
Temperature 20°C to 40°C
Humidity between 30% and 60%
Avoid radiation, electromagnetic fields, ESD, mechanical stress
11.4
Additional information
11.4.1
ESD
The following are the recommended minimum ESD requirements when handling image
sensors:
Ground workspace (tables, floors…)
Ground handling personnel (wrist straps, special footwear…)
Minimize static charging (control humidity, use ionized air, wear gloves…)
11.4.2
Glass cleaning
When cleaning of the cover glass is needed we recommend the following two methods.
Blowing off the particles with ionized nitrogen.
Wipe clean using IPA (isopropyl alcohol) and ESD protective wipes.
11.4.3
Excessive light
Excessive light falling on the sensor can cause heating up the micro lenses and color filters.
This heat can cause deforming of the lenses and/or deterioration of the lenses and color filters
by making them more opaque, increasing the heat up even more. Avoid shining high intensity
light upon the sensors for extended periods of time. In case of lasers, they can cause heat up
but can also damage the silicon die itself.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com