Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 36Page - ams-OSRAM AG CHR71000 Datasheet HTML 37Page - ams-OSRAM AG CHR71000 Datasheet HTML 38Page - ams-OSRAM AG CHR71000 Datasheet HTML 39Page - ams-OSRAM AG CHR71000 Datasheet HTML 40Page - ams-OSRAM AG CHR71000 Datasheet HTML 41Page - ams-OSRAM AG CHR71000 Datasheet HTML 42Page - ams-OSRAM AG CHR71000 Datasheet HTML 43Page - ams-OSRAM AG CHR71000 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
CHR71000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
40 / 54
/
7.6.3
Output gain and offset
The gain of the on-chip output amplifier is selectable through the SPI resister settings. The
gain varies linearly between 1 and 3.5 in 16 steps (4 bits). Up to gain setting 8, the gain
increases by approximately 10-12 % for successive settings. From setting 9 onwards, the gain
increases by about 20-22 % for successive settings. Figure 22 shows the gain values for the
different gain register settings.
Besides the gain, also the offset level of each channel can be programmed. This allows
balancing the random offsets of the different internal channels. Internally, the CHR71000 uses
16 analog channels (multiplexed to 8 outputs). That is why 16 offset registers are
programmable over SPI (registers 64 – 87). The output buffer has been designed to nominally
drive a 20 pF capacitive load at nominal 30 Mpixels/s readout rate (per output). The polarity of
the output signal is positive video (dark pixel signals low, bright pixel signals high).
So, the analog output swing depends on the gain and offset settings. You can see the different
levels and swing in Figure 23.
Figure 22: PGA setting vs. actual PGA gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com