Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR71000 Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # CHR71000
Description  CHR71000 High resolution 70 MP CMOS image sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CHR71000 Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button CHR71000 Datasheet HTML 14Page - ams-OSRAM AG CHR71000 Datasheet HTML 15Page - ams-OSRAM AG CHR71000 Datasheet HTML 16Page - ams-OSRAM AG CHR71000 Datasheet HTML 17Page - ams-OSRAM AG CHR71000 Datasheet HTML 18Page - ams-OSRAM AG CHR71000 Datasheet HTML 19Page - ams-OSRAM AG CHR71000 Datasheet HTML 20Page - ams-OSRAM AG CHR71000 Datasheet HTML 21Page - ams-OSRAM AG CHR71000 Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
CHR71000
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS000427 • v2-01 • 2026-Mar-18
18 / 54
/
6.2.2
Chief ray angle
To improve light sensitivity in the pixels towards the edges of the pixel array, the micro lenses
on top of the pixels are shifted linearly towards the corners/edges. The shift is designed so the
CRA of the sensor is 22.3° in the corners.
Figure 8: Distances to corners
Figure 9: CRA shift vs. image height
15.5mm
19
mm
b
a
o
c
Table 6: CRA vs. image height
Point
Image height (%)
Image height (mm)
CRA (°)
o
0
0
0
10
1.9
2.23
20
3.8
4.46
30
5.7
6.69
40
7.6
8.92
50
9.5
11.15
a
57.9
11
12.91
60
11.4
13.38
70
13.3
15.61
80
15.2
17.84
c
81.58
15.5
18.2
90
17.1
20.07
b
100
19
22.3
0
5
10
15
20
25
0
20
40
60
80
100
Image Height [%]
CRA [°]
CRA [°]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com