Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 56 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 52Page - STMicroelectronics TDA7572 Datasheet HTML 53Page - STMicroelectronics TDA7572 Datasheet HTML 54Page - STMicroelectronics TDA7572 Datasheet HTML 55Page - STMicroelectronics TDA7572 Datasheet HTML 56Page - STMicroelectronics TDA7572 Datasheet HTML 57Page - STMicroelectronics TDA7572 Datasheet HTML 58Page - STMicroelectronics TDA7572 Datasheet HTML 59Page - STMicroelectronics TDA7572 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Start-up procedures, modulator turn-on after a tristate condition.
TDA7572
56/64
13
Start-up procedures, modulator turn-on after a
tristate condition.
13.1
Start-up
Condition to be respected to turn-on the modulator at the start-up:
TristateMOD represents an internal signal which is
–in NOI2CBUS MODE set to '1' when the digital supply pin VDIG (50) reaches its
steady state value.
–in I2C MODE set to '1' when the digital supply pin VDIG (50) reaches its steady
state value and by I2C bus is written '1' on the D4 bit of modulator register.
–in NOI2CDIAGNOSTIC set to '1' when the digital supply pin VDIG (50) reaches its
steady state value and the turn-on diagnostic has positive result.
The thermal protection represent an internal signal which is set to '1' at the start-up and
eventually set to '0' if
–
the internal temperature trespass the second threshold and/or
–
the external temperature trespass the second threshold
Once all the listed condition present in the above table are respected the modulator is get
out from tri-state after ~500µs.
13.2
Tristate
When the modulator is put in tristate by some diagnostic condition the system retrieve from
this condition in two possible mode depending from the supplies configuration
–
split supply: The modulator starts to switch ~500µs after all conditions listed in the
above table are realized.
–
Single-supply: Only in case of single supply, is activated a circuit that inhibit the
startup of the SVR capacitor charge (then the modulator enable) if the SVR
voltage is higher than 1.5V. If, during the normal activity of the modulator, an event
that moves the modulator in tristate is present (due to, as example, an UVLO) the
Vsvr gets to discharge until its value is under 1.5V. Ones reached this value the
capacitor svr start to charge. The modulator starts to switch ~500µs after all
conditions listed in the above table are realized. Purpose of this circuit is to avoid
fast turn-off/on of the modulator and increase the pop performance.
●
Are MODE0 and/or MODE1 pins at voltage higher than 2.3V?
●
Is the command “TristateMOD” Set to “1”?
●
Is the PLL locked? (Only in case of digital Input)
●
Is the Thermal protection FLAG ON?
●
Are the VSP-VP2.5 and VM2.5-VSM drop voltage respectively over VAP and VAM?
●
Is the VSP-VSM voltage lower than VU and VUC?
●
Is the total VSP-VSM Higher than VPO+?
●
Is the SVR pin higher than Vsvr+?
●
Is the 14V pin supply higher than V14mute+?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com