Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics TDA7572 Datasheet HTML 23Page - STMicroelectronics TDA7572 Datasheet HTML 24Page - STMicroelectronics TDA7572 Datasheet HTML 25Page - STMicroelectronics TDA7572 Datasheet HTML 26Page - STMicroelectronics TDA7572 Datasheet HTML 27Page - STMicroelectronics TDA7572 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
Electrical specifications
TDA7572
24/64
4.4
Voltage booster
Ext thermal shut down
-15%
VDIG *.36
+15%
V
Ext thermal shut down
hysteresis
Vdig*0.0
32
Vdig*0.
046
V
Supply Isense
Supply sense trip voltage
16
20
25
mV
AOUT levels that allow
sensing of supply current
3V
Duration of AOUT under
threshold to allow supply
current sensing
-25%
80
+25%
ms
Issenp
200
700
µA
IssenM
-500
500
nA
Table 12.
Diagnostics (continued)
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Table 13.
Voltage booster
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Current mode control topology
BSTDCMAX
Max duty cycle
88
%
BSTDCMIN
Min duty cycle
0
%
BSTREF
Vref
-8%
2.5
+8%
V
IBIASBSTREF Vsense input bias current
-100
100
nA
VSENSE_UL
Vsense pin allowed voltage
range
-0.6
58
V
BSTVGain
Voltage-error gain
ΔDuty cycle/ΔBSTVSense
0.4
0.8
1.2
%D.C.
per mV
BSTDCNOM Nominal duty cycle
55
65
%D.C.
Csense_UL
Csense pin allowed voltage
range
-0.6
58
V
Csense gain
Csense gain
ΔDuty cycle / ΔC
sense
0.120
0.350
%D.C.
per mV
VC_SENSE at max current
VVsense = Vreference
DC=0%
CsenseTrip
Ilimit trip point
0.220
0.440
V
TSS
Soft-start step period
not yet tested (to be
confirmed)
3ms
Soft start steps
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com