Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 10Page - STMicroelectronics TDA7572 Datasheet HTML 11Page - STMicroelectronics TDA7572 Datasheet HTML 12Page - STMicroelectronics TDA7572 Datasheet HTML 13Page - STMicroelectronics TDA7572 Datasheet HTML 14Page - STMicroelectronics TDA7572 Datasheet HTML 15Page - STMicroelectronics TDA7572 Datasheet HTML 16Page - STMicroelectronics TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 64 page
background image
Pins description
TDA7572
14/64
49
DGND
GND logic supply decoupling
50
VDIG
5V logic supply decoupling
51
VM2.5
-2.5 V analog supply output
52
SVR
Vs/2 analog reference filter capacitor. Reference for input stage.
53
VP2.5
+2.5 V analog supply output
54
Mode1
Mode control bit1, selects standby/normal/I2C/diagnostic operation
55
Mode0
Mode control bit0, selects standby/normal/ I2C/diagnostic operation
56
AutoMuteVSetting
Auto-mute Voltage Setting
57
MUTE_L
Mute input and / or timing cap, assertion level low
58
VSM3
Die tab connection to lowest supply voltage – gnd for single ended supplies,
negative supply for split supplies
59
VSM4
Die tab connection to lowest supply voltage – gnd for single ended supplies,
negative supply for split supplies
60
ADDR1/CompEnable
I2C address set (I2C mode)
Compressor Enable/disable (non-bus mode)
61
ADDR0/Fault/Clip_L
I2C address set (I2C mode)
Fault output in non bus mode (non-bus mode)
Clipping indicator, assertion level low, (when DAC is enabled)
62
I2CDATA/AttackSel
I2C data (I2C mode)
Compressor aggressiveness selection (non-bus mode)
63
I2CLK
I2C Clock
64
IlimitThresh
Output stage Current Limiting trip voltage setpoint
Table 3.
Pin list by pin (continued)
Pin #
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com