Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 35Page - STMicroelectronics TDA7572 Datasheet HTML 36Page - STMicroelectronics TDA7572 Datasheet HTML 37Page - STMicroelectronics TDA7572 Datasheet HTML 38Page - STMicroelectronics TDA7572 Datasheet HTML 39Page - STMicroelectronics TDA7572 Datasheet HTML 40Page - STMicroelectronics TDA7572 Datasheet HTML 41Page - STMicroelectronics TDA7572 Datasheet HTML 42Page - STMicroelectronics TDA7572 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
TDA7572
Input stage and gain compressor
39/64
ATTACK[1:0]: Sets the maximum Attack rate of the gain compressor according to the table
below:
Setting in NOI2CBUS mode:
I2CDATA/AttackSel - pin 51 -> Attack/release rate selection
ADDR1/CompEnable - pin 54 -> Gain compression effort selection
6.2.2
Soft-mute function, without pre-limiter
Well-behaved over-modulation protection and current-limiting allow this IC to not require a
pre-limiter before the modulator. This allows the amplifier to always take advantage of the
available supply voltage. A limited output voltage can be done in a crude manner by using
AOUT's max output swing, and counting on its clipping signal to drive the compressor.
A soft mute/unmute is incorporated at AOUT. It works by slowly muxing AOUT from the input
signal to SVR. In this way, dc offsets occurring in any upstream stages are kept inaudible.
The mux slew time is determined by the voltage slew rate at the MUTE_L pin (pin 10), which
is asserted low. Mute can by driven either be by external means, or controlled by I2C
command.
The MUTE bit, present in the input control register (D0, InputControl register), controls
muting by discharging or charging the MUTE_L pin. The default value for this bit for NOI2C
mode is 0 that lead to a charging of mute cap. Abrupt muting is available by use of the
MuteSpeed bit. When MuteSpeed is asserted, MUTE_L is rapidly charged and discharged
by a small resistance (approximately 500 ohms). In the pictures below are reported the two
application circuits and the internal circuitry of mute correspondent to.
Figure 3.
Mute by external command
Table 30.
Sets the maximum attack rate of the gain compressor
Attack [1:0]
Clock counts
Nominal time at 400KHz clock
00
26
160µs
01
27
320µs
10
28
640µs
11
29
1.28ms
Table 31.
Attack/release rate and gain compression effort selection
INPUT PIN/VALUE
DGND
VDIG
Pin 51
Attack[1:0] = “10”
Release[1:0] = “10”
Attack[1:0] = “11”
Release[1:0] = “11”
Pin 54
GainTable[1:0]=”00”
GainTable[1:0]=”01”
External
Mute
Mute_L
100µA
AC00015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com