Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 33Page - STMicroelectronics TDA7572 Datasheet HTML 34Page - STMicroelectronics TDA7572 Datasheet HTML 35Page - STMicroelectronics TDA7572 Datasheet HTML 36Page - STMicroelectronics TDA7572 Datasheet HTML 37Page - STMicroelectronics TDA7572 Datasheet HTML 38Page - STMicroelectronics TDA7572 Datasheet HTML 39Page - STMicroelectronics TDA7572 Datasheet HTML 40Page - STMicroelectronics TDA7572 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
TDA7572
Input stage and gain compressor
37/64
6
Input stage and gain compressor
6.1
Input stage
The input stage accepts differential analog audio and provides a single ended output that is
referenced to SVR, a slowly changing reference signal that is close to VCC/2. This signal is
present on the pin 6 (SVR). Four input stage gains are selectable, chosen such that input
signal levels of either 2VRMS, 2.6VRMS, 7VRMS, or 9.7VRMS will provide full scale unclipped
output swing of this stage.
The variable gain is realized by a single ended input attenuator (with respect to SVR), such
that both differential and common-mode voltages are attenuated, and by, mean of a
reconfiguration of the Op-Amp feedback.
These are controlled by two bits, one controlling the input attenuator, and the other
controlling the Op-Amp configuration. The bits INLEVEL0 in the InputControl register
(register addr 1, bit 1) and INLEVEL1 in the Modulator register (register addr. 5, bit 2)
determine the gain selection. The default value of INLEVEL0 and INLEVEL1 bits are
determined by the voltage levels at power-up on pins PLL/INLEVEL0 (pin 63) pin and
SCL/INLEVEL1 (pin 62) respectively allowing gain selection without the requirement of an
I2C bus. INLEVEL0 controls the input attenuator, and INLEVEL1 controls the configuration
of the feedback around the op. amp.
INP - pin 12
: positive input
INM - pin 13
: negative input
AOUT - pin 14
: output
SCL/INLEVEL1 - pin62
: gain selection bit 1
PLL/INLEVEL0 - pin63
: gain selection bit 0
This stage is powered from ±2.5Volts, centered around SVR. Output swing is nominally ±2
volts. The input common mode range is a function of the gain setting, the electrical
parameters section must be consulted for details. It is expected that the inputs will be ac
coupled, and because of this consideration must be given to the rate of change of SVR, as
rapid changes to SVR could cause the inputs of this amplifier to run out of common mode
range. i.e. the input decoupling capacitors can not charge fast enough to keep up with SVR
6.2
Gain compressor
A gain compressor is integrated in the front end of this stage, which provides up to 16dB of
differential attenuation in approximately 0.5dB steps, varying somewhat depending on gain
configuration. Compressor aggressiveness is programmable by the I2C data/AttackSel pin
(providing a choice from two attack-time/decay-time pairs) in non-I2C bus mode, or by I2C
bus with 2 bits each for attack and decay and 2 bits for the distortion-to-attenuation table.
These are bits ATTACK[1:0], DECAY[1:0], and TABLE[1:0] in the InputControl register. The
ADDR1/CompEnable pin is used in non-I2C mode to enable or disable gain compression
entirely.
The gain compressor operates by monitoring the estimated in THD due to clipping, over-
modulation or over-current and commanding a change in the input attenuation based on the
THD estimate. The input attenuator has 32 discrete steps. THD is estimated by measuring
the time period between zero crossings where there is no clipping and the time when there



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com