Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 14Page - STMicroelectronics TDA7572 Datasheet HTML 15Page - STMicroelectronics TDA7572 Datasheet HTML 16Page - STMicroelectronics TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
Electrical specifications
TDA7572
18/64
4.3.3
Input stage
Table 8.
Input stage
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Input diff. amp./ gain attenuator
RIN,
No
compress
ion
Input resistance
INLEVEL1=0, INLEVEL0=0
-30%
20
+30%
K
Ω
INLEVEL1=0, INLEVEL0=1
-30%
12
+30%
INLEVEL1=1, INLEVEL0=0
-30%
22
+30%
INLEVEL1=1, INLEVEL0=1
-30%
12
+30%
RIN max
compress
ion
INLEVEL1=0, INLEVEL0=0
-30%
15.6
+30%
INLEVEL1=0, INLEVEL0=1
-30%
12
+30%
INLEVEL1=1, INLEVEL0=0
-30%
16
+30%
INLEVEL1=1, INLEVEL0=1
-30%
12
+30%
VInMax
Input clipping level
Voltage level of the input
that trespassed cause
clipping in the preamplifier
INLEVEL1=0, INLEVEL0=0
2
VRMS
INLEVEL1=0, INLEVEL0=1
7
VRMS
INLEVEL1=1, INLEVEL0=0
2.6
VRMS
INLEVEL1=1, INLEVEL0=1
9.5
VRMS
INLEVEL1=1,INLEVEL0=1
Not tested in production
-10
+10
AIN_0
Input stage gain
(VAOUT-VSVR) / (VInP-VinM)
INLEVEL1=0, INLEVEL0=0,
no compression
-4
-3
-2
dB
AIN_2
(VAOUT- VSVR) / (VInP-VinM)
INLEVEL1=0, INLEVEL0=1,
no compression
-15
-14
-13
dB
AIN_1
(VAOUT- VSVR) / (VInP-VinM)
INLEVEL1=1, INLEVEL0=0
no compression
-6.3
-5.3
-4.3
dB
AIN_3
(VAOUT- VSVR) / (VInP-VinM)
INLEVEL1=1, INLEVEL0=1,
no compression
-17.6
-16.6
-15.6
dB
VoutH
AOUT output voltage swing
With respect to SVR, 10K loading
to a buffered version of SVR
2V
VoutL
AOUT output swing
With respect to SVR, 10K loading
to a buffered version of SVR
-2
V
AOUTTHD THD
Vin=1Vrms, f=20-20KHz,
INLEVEL1=0, INLEVEL0=0,
no compression
0.01
0.05
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com