Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 27Page - STMicroelectronics TDA7572 Datasheet HTML 28Page - STMicroelectronics TDA7572 Datasheet HTML 29Page - STMicroelectronics TDA7572 Datasheet HTML 30Page - STMicroelectronics TDA7572 Datasheet HTML 31Page - STMicroelectronics TDA7572 Datasheet HTML 32Page - STMicroelectronics TDA7572 Datasheet HTML 33Page - STMicroelectronics TDA7572 Datasheet HTML 34Page - STMicroelectronics TDA7572 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
TDA7572
I2C and mode control
31/64
5.1
Input control register
Subaddress: XXI00001.
Table 22.
Input control register
MSB
LSB
Function
D7
R/W
D6
R/W
D5
R/W
D4
R/W
D3
R/W
D2
R/W
D1
R/W
D0
R/W
1
1110
0
0
1
Power-up default, I2C
enabled
AttackSel
(pin)=1
→ [11]
AttackSel
(pin)=1
→ [11]
CompEnable
(pin)=1
→ [01]
Read
from
PLL/Gain
pin
0
Power-up default I2C
disabled
AttackSel
(pin)=0
→ [10]
AttackSel
(pin)=0
→ [10]
CompEnable
(pin)=0
→ [00]
1
0
Mute
Mute
Play
0
1
INLEVEL0
Low Gain
High Gain
0
0
1
1
0
1
0
1
Gain table
Compressor disabled
THD=0.02; Nb. step=1
THD=3.0; Nb. step=2
THD=0.02; Nb. step=1
THD=3.0; Nb. step=2
THD=5.0; Nb. step=3
Not used
0
0
1
1
0
1
0
1
Release
(400kHz clock)
20.48ms
40.96ms
81.92ms
163.4ms
0
0
1
1
0
1
0
1
Attack
(400kHz clock)
160µs
320µs
640µs
1.28ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com