Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 62 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 56Page - STMicroelectronics TDA7572 Datasheet HTML 57Page - STMicroelectronics TDA7572 Datasheet HTML 58Page - STMicroelectronics TDA7572 Datasheet HTML 59Page - STMicroelectronics TDA7572 Datasheet HTML 60Page - STMicroelectronics TDA7572 Datasheet HTML 61Page - STMicroelectronics TDA7572 Datasheet HTML 62Page - STMicroelectronics TDA7572 Datasheet HTML 63Page - STMicroelectronics TDA7572 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
Package information
TDA7572
62/64
15
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 17.
HiQUAD-64 mechanical data and package dimensions
HiQUAD-64
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.15
0.124
A1
0
0.25
0
0.010
A2
2.50
2.90
0.10
0.114
A3
0
0.10
0
0.004
b
0.22
0.38
0.008
0.015
c
0.23
0.32
0.009
0.012
D
17.00
17.40
0.669
0.685
D1 (1)
13.90
14.00
14.10
0.547
0.551
0.555
D2
2.65
2.80
2.95
0.104
0.110
0.116
E
17.00
17.40
0.669
0.685
E1 (1)
13.90
14.00
14.10
0.547
0.551
0.555
e
0.65
0.025
E2
2.35
2.65
0.092
0.104
E3
9.30
9.50
9.70
0.366
0.374
0.382
E4
13.30
13.50
13.70
0.523
0.531
0.539
F
0.10
0.004
G
0.12
0.005
L
0.80
1.10
0.031
0.043
N10
°(max.)
S
0°(min.), 7˚(max.)
(1): "D1" and "E1" do not include mold flash or protusions
- Mold flash or protusions shall not exceed 0.15mm(0.006inch) per side
c
A
A2
POQU64ME
E4 (slug lenght)
1
64
E1
Gauge Plane
0.35
L
slug
(bottom side)
COPLANARITY
G
e
b
A
N
⊕ F
AB
M
E3
21
33
53
B
E2
D1
D
E
BOTTOM VIEW
C
A3
C
SEATING PLANE
S
A1
E3
OUTLINE AND
MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com