Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics TDA7572 Datasheet HTML 23Page - STMicroelectronics TDA7572 Datasheet HTML 24Page - STMicroelectronics TDA7572 Datasheet HTML 25Page - STMicroelectronics TDA7572 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
Electrical specifications
TDA7572
22/64
4.3.5
Modulator
4.3.6
Gate drive and output stage control
Table 10.
Modulator
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Integrator op. amp.
Int_Voff
Input offset voltage
-2.5
+2.5
mV
Int_ibias
Input bias current
Guaranteed by design
500
nA
Toff
Maximum duty cycle
Vsp =1 4.4
1.1
µs
Table 11.
Gate drive and output stage control
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
VOL_LSD
LSG low voltage
Isink = 0.5A
Isink = 20mA
1.75
0.080
V
VOH_LSD
LSG high voltage
Isource = 0.5A
Isource = 20mA
7
9.2
V
VOL_HSD
HSG low voltage
Isink = 0.5A
Isink = 20mA
VSP-7
VSP-
9.2
V
VOH_HSD
HSG high voltage
Isource = 0.5A
Isource = 20mA
VSP-
1.75
VSP-
0.080
V
HSG low Z drive tdelay
After a commutation
2
10
µs
LSG low Z drive tdelay
After a commutation
2
10
µs
HSG HiZ sink current
VHSG=VSP t>5uS
150
mA
LSG HiZ source current
VLSG=VSM , t>5uS
150
mA
Overcurrent sensing
IlimThresh
Range of Ilim Trthresh
0.3
1.1
V
Vilim
Vilim
Engagement of the current limiting
VlimitTreshold=1V w.r.t. VM2p5
Vlim*
3.0
Vlim*
5.0
V
Vitrip
Start of cycle by cycle current
limiting
-15%
Vlim *
6.0
+15%
V
Anti-shoo through
PVGS_ON
PFET gate voltage that will
block NFET enhancement
-2.5
V
PVGS_OFF
PFET gate voltage that will
allow NFET enhancement
-3.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com