Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 46 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 42Page - STMicroelectronics TDA7572 Datasheet HTML 43Page - STMicroelectronics TDA7572 Datasheet HTML 44Page - STMicroelectronics TDA7572 Datasheet HTML 45Page - STMicroelectronics TDA7572 Datasheet HTML 46Page - STMicroelectronics TDA7572 Datasheet HTML 47Page - STMicroelectronics TDA7572 Datasheet HTML 48Page - STMicroelectronics TDA7572 Datasheet HTML 49Page - STMicroelectronics TDA7572 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
Step-up
TDA7572
46/64
9
Step-up
A current boost controller is provided to allow high power operation in the 14V automotive
environment. This is a clocked PWM, current mode control block that drives an external
NFET. Following is present the application circuits.
Figure 10.
Step-up application diagram
In the Step-up implemented is present a current control loop and a voltage one to fix the
output voltage. On the pin BSTVSense is reported the voltage VSP except for the gain of
Step-up, here imposed by the ratio R1 and R2. To improve stability, response time and
inductor requirements, an inner current control loop has been implemented. The inductor
parasitic resistance will be an adequate current sensor, and it is expected that with an RC
could be cancelled the zero of the boost inductor. Instead of use the parasitic resistor of
inductor a series sensing resistor could be used. The current sensing is take out by the pins
V14Sense and Csense.
To avoid destructive startup currents, soft startup is provided which functions by increasing
the allowed current limit using 4 steps roughly 4ms apart.
An overcurrent condition is declared if there is an extended period of high current.
Excessive current is detected (by monitoring the voltage across Csense and V14Sense
pins) for a period exceeding 20ms, which are considered to be caused by a fault condition,
are detected as Csense exceeding a voltage threshold and are handled by forcing a restart
of the soft start sequence when over-current is declared. Following are reported the
threshold of current limiting.
14V
VSM
Step-Up
Regulator
VSM
+14V
VSP
V14Sense
BSTGate
BSTSource
BSTVSense
Coil
CSense
R2
R1
AC00022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com