Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 43 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 39Page - STMicroelectronics TDA7572 Datasheet HTML 40Page - STMicroelectronics TDA7572 Datasheet HTML 41Page - STMicroelectronics TDA7572 Datasheet HTML 42Page - STMicroelectronics TDA7572 Datasheet HTML 43Page - STMicroelectronics TDA7572 Datasheet HTML 44Page - STMicroelectronics TDA7572 Datasheet HTML 45Page - STMicroelectronics TDA7572 Datasheet HTML 46Page - STMicroelectronics TDA7572 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
TDA7572
Modulator
43/64
consists in a clipping of current when the first threshold for VDS is trespassed. It is obtained
by sink or source current to the virtual ground of modulator integrator. The cycle-by-cycle
limitation is a strong limitation. If the second VDS threshold is trespassed for more than
about 2µs the half bridge is tri-stated. If this condition persists for more then four PWM
periods the modulator is definitely tri-stated. It is possible setting the threshold VDS voltage
for the current limiting by the pin IlimitThreshold: the first threshold is the value voltage value
of this pin (referred to VN2.5), the second one is the same value multiply by the factor 1.5.
7.2
ANTI-POP shunt driver
The device is provided by a driver able to control an anti-pop shunt MOS which is
connectable in series or in parallel to the load. During the mute-to-play or play-to-mute
transition an external MOS is able to disconnect (MOS in series) or short (MOS in parallel)
the speaker in order to reduce the audible pop noise.
The shunt driver is able to source or sink a predefined current (see Table 17). The following
diagram reports the temporal behave of current at the shunt pin respect to the voltage on the
mute pin in NOI2CBUS mode.
Figure 6.
Current sourced by the shunt pin in NO I2Cbus mode
In I2Cbus mode it is possible to change the driver current direction only by change the bit D0
of byte 5. When the bit is set to 1 the current is sourced. By default the current is sourced.
Isource
Vsd+Vsdh
Vmute
AC00018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com