Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 8Page - STMicroelectronics TDA7572 Datasheet HTML 9Page - STMicroelectronics TDA7572 Datasheet HTML 10Page - STMicroelectronics TDA7572 Datasheet HTML 11Page - STMicroelectronics TDA7572 Datasheet HTML 12Page - STMicroelectronics TDA7572 Datasheet HTML 13Page - STMicroelectronics TDA7572 Datasheet HTML 14Page - STMicroelectronics TDA7572 Datasheet HTML 15Page - STMicroelectronics TDA7572 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
Pins description
TDA7572
12/64
61
ADDR0/Fault/Clip_L
I2C address set (I2C mode)
Fault output in non bus mode (non-bus mode)
Clipping indicator, assertion level low, (when DAC is enabled)
60
ADDR1/CompEnable
I2C address set (I2C mode)
Compressor Enable/disable (non-bus mode)
48
NTC
Connection for NTC thermistor
2
TestC
Test cap used to generate the slow current pulses
1
ISet
Program pin for current level used in Short/Open test
30
ISSENP
Supply non-inverting current sense
29
ISSENM
Supply inverting current sense
DAC
46
WS / Clip_L
I2S Word select / Clipping indicator, assertion level low (non-DAC mode)
45
SDA/SCR_ENB
I2C serial data / SCR ENABLE (non DAC mode)
47
SCL/ InLevel1
I2C serial data bit clock/ Input Level selection bit1 (non-DAC mode)
44
PLL/InLevel0
DAC clock PLL filter/ Input Level selection bit 0 (non-DAC mode)
31
DAC2
DAC output voltage p
32
DAC1
DAC output voltage n
Table 2.
Pin list by argument (continued)
Pin #
Pin name
Description
Table 3.
Pin list by pin
Pin #
Pin name
Description
1
Iset
Program pin for current level used in Short/Open test
2
TestC
Test cap used to generate the slow current pulses
3
LSD2SS
Lowside2 Source Sense
4
LSD2GD
Lowside2 Gate Drive
5
LSD2GS
Lowside2 Gate sense
6
HB2OutFilt
Half bridge2 post-LC filter – for diagnostics
7
HB2Out
Half-bridge2 output, HSD 1 drain sense, LSD1 Drain Sense
8
HSD2GS
Highside2 Gate sense
9
HSD2GD
Highside2 Gate Drive
10
HSD2SS
Highside2 Source sense
11
VSP_POW2
Positive supply power for low power, non gate-drive functions with a separate
bonding to power the gate drive of modulator two
12
VSP_POW1
Positive supply voltage connection for gate drive circuitry
13
HSD1SS
Highside1 Source sense
14
HSD1GD
Highside1 Gate Drive
15
HSD1GS
Highside1 Gate sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com