Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 23Page - STMicroelectronics TDA7572 Datasheet HTML 24Page - STMicroelectronics TDA7572 Datasheet HTML 25Page - STMicroelectronics TDA7572 Datasheet HTML 26Page - STMicroelectronics TDA7572 Datasheet HTML 27Page - STMicroelectronics TDA7572 Datasheet HTML 28Page - STMicroelectronics TDA7572 Datasheet HTML 29Page - STMicroelectronics TDA7572 Datasheet HTML 30Page - STMicroelectronics TDA7572 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
TDA7572
Electrical specifications
27/64
4.4.5
Application information
These are required parameters of the overall operation of the Cortina IC in its application
circuit and will form the overall functional testing for Cortina
Table 18.
Analog operating characteristics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
THD+Noise
1W, 100Hz, VSP=14.4
Rl=2 ohm
Only modulator
(1)
0.5
%
4W VCC = 14V and VCC = 42V
FR =1 00Hz
(1)
0.3
%
50W FR=1kHz VCC = 42V
0.4
%
Output noise
VSP=14.4V
(1)
400
µVrms
Output offset
VCC = 14.4V
VCC = 42V
-100
-200
0
0
100
200
mV
Output offset
Offset modulator only (VCC =14.4V)
-70
0
70
mV
1.
Note: the measure is affected by the testing board noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com