Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 31Page - STMicroelectronics TDA7572 Datasheet HTML 32Page - STMicroelectronics TDA7572 Datasheet HTML 33Page - STMicroelectronics TDA7572 Datasheet HTML 34Page - STMicroelectronics TDA7572 Datasheet HTML 35Page - STMicroelectronics TDA7572 Datasheet HTML 36Page - STMicroelectronics TDA7572 Datasheet HTML 37Page - STMicroelectronics TDA7572 Datasheet HTML 38Page - STMicroelectronics TDA7572 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
TDA7572
I2C and mode control
35/64
5.5
Modulator register
Subaddress: XXI 00101.
Table 26.
Modulator register
MSB
LSB
Function
D7
R/W
D6
R/W
D5
R/W
D4
R/W
D3
R/W
D2
R/W
D1
R/W
D0
R/W
0
1
100
1
0
Power-up default I2C
disabled
0
1
000
SCL/InLevel1
pin
1
Power-up default I2C
enabled
0
1
SHUNT
Turn-on shunt
NOT USED
0
1
INLEVEL1
High level couple
0
1
DAC synchronization
Synchronize the modulator
with the DAC
0
1
SVR
Turn On the charge of SVR
0
1
Tristate
Tristate modulator
0
0
1
1
0
1
0
1
PWMClock
55kHz
110kHz
220kHz
110kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com