Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 11Page - STMicroelectronics TDA7572 Datasheet HTML 12Page - STMicroelectronics TDA7572 Datasheet HTML 13Page - STMicroelectronics TDA7572 Datasheet HTML 14Page - STMicroelectronics TDA7572 Datasheet HTML 15Page - STMicroelectronics TDA7572 Datasheet HTML 16Page - STMicroelectronics TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
TDA7572
Electrical specifications
15/64
4
Electrical specifications
4.1
Absolute maximum ratings
4.2
Thermal data
4.3
Electrical characteristics
Unless otherwise specified, all ratings below are for -40°C < TJ < 125°C, VSP = 42V, VSM =
0V and the application circuit of Figure 12. Operation of the IC above this junction
temperature will continue without audible artifacts until thermal shutdown, but these
parameters are not guaranteed to be within the specifications below. FPWM=110KHz,
Booster not enabled.
4.3.1
Operating voltage and current
Table 4.
Absolute maximum ratings
Symbol
Parameters
Test Conditions
Min.
Max.
Units
VSP
Supply voltage
VSM -0.6
VSM +58
V
Vpeak
Peak supply voltage
(VS+ - VS-) time ≤ 50ms
68
V
VDATA
Data pin voltage
w.r.t Dgnd
VS—0.6
6V
V
TJ
Junction temperature
-40
150
C
TStg
Storage temperature
-55
150
C
PDMAX
Power Dissipation
Any operating condition
For thermal budgeting
2.5
W
Table 5.
Thermal data
Symbol
Parameters
Value
Units
RTh j-case
Thermal resistance junction to case
3
°C/W
Table 6.
Operating voltage and current
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
VSP42
Operating voltage 42V
automotive range
Normal operation without audible
defects required
Single ended supply 42V
configuration, VSM=0
30
42
58
V
VSP14
Operating voltage 14.4V
automotive range
Normal operation without audible
defects required
Single ended supply 14V
configuration, VSM=0
9
14.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com