Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 15Page - STMicroelectronics TDA7572 Datasheet HTML 16Page - STMicroelectronics TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics TDA7572 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
TDA7572
Electrical specifications
19/64
Output slew rate
Vin=1KHz square wave, 2Vpp,
INLEVEL1=0, INLEVEL0=0,
no compression
Time to transition from 10% to 90%
8µS
AOUT clip detector
Duty cycle of the Clipping signal
when there is 5% distortion at the
output of AOUT, f=1KHz,
RL =10kOhm
TBD
%
15
25
f-3dB
Frequency response
Vin=1Vrms,
INLEVEL1=0, INLEVEL0=0
20
KHz
CMRR
Common Mode Rejection
Ratio
VCM=1VRMS @1KHz
CMRR= AVDIFF/AVCM
INLEVEL1=0, INLEVEL0=0
No compressor
47
dB
CG
Common gain
VCM=1VRMS @1KHz
INLEVEL1=0, INLEVEL0=0
No compressor
51
dB
CG
Common gain
VCM=1VRMS @1KHz
INLEVEL1=1, INLEVEL0=0
No compressor
51
dB
CG
Common gain
VCM=1VRMS @1KHz
INLEVEL1=0, INLEVEL0=1
No compressor
51
dB
CG
Common gain
VCM=1VRMS @1KHz
INLEVEL1=1, INLEVEL0=1
No compressor
51
dB
PSRR
Power Supply Rejection,
Vsp supply
freq<10KHz
60
80
dB
Voffset
Output offset
VOffset with respect to SVR
Rin=100 ohms, Mute state
-4
0
+4
mV
Eno
Noise
Noise at output of this stage
f = 20-20KHz, Rinput = 100ohms
A weighting
710
µVRMS
Gain compressor
Maximum attenuation
INLEVEL1=0, INLEVEL0=0
-21
-19
-17
dB
INLEVEL1=0, INLEVEL0=1
-30
-28
-26
INLEVEL1=1, INLEVEL0=0
-25
-23
-21
INLEVEL1=1, INLEVEL0=1
-34
-32
-30
Table 8.
Input stage
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com