Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics TDA7572 Datasheet HTML 23Page - STMicroelectronics TDA7572 Datasheet HTML 24Page - STMicroelectronics TDA7572 Datasheet HTML 25Page - STMicroelectronics TDA7572 Datasheet HTML 26Page - STMicroelectronics TDA7572 Datasheet HTML 27Page - STMicroelectronics TDA7572 Datasheet HTML 28Page - STMicroelectronics TDA7572 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 64 page
background image
TDA7572
Electrical specifications
25/64
4.4.1
Digital to analog converter
VOH_BST
BST gate high voltage
Isource = 0.5A
Isource = 20mA
7
9.2
V
VOL_BST
BST gate low voltage
Isink = 0.5A
Isink = 20mA
1.75V
0.080
V
Table 13.
Voltage booster
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Table 14.
Digital to analog converter
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Dynamic range at
-60dBFS
At output of analog filter
-60dBFS input 1KHz sine tone
80
90
dB
Noise floor
At output of analog filter after >
25mS of –97dBFS input 20-20k Hz
flat
20
µV
THD+N
at maximum useful input
level
Input=-1.5dBFS
The DAC output is limited to
prevent operation in regions of
degraded DAC performance. This
spec represents the performance
at this maximum practical value
-60
dB
Silent Mute
Must engage after 25mS of <-
96dbFS input signal
20
30
ms
Differential output voltage
Magnitude of –1.5dBFS sine,
1 KHz
-10%
2.1
+10%
Vrms
Output resistance
1.8K
2.5K
2.8K
Ohms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com