Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 21 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics TDA7572 Datasheet HTML 23Page - STMicroelectronics TDA7572 Datasheet HTML 24Page - STMicroelectronics TDA7572 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
TDA7572
Electrical specifications
21/64
4.3.4
Oscillator
Table 9.
Oscillator
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Internal oscillator
FPWM_NOM Switching frequency
PWMCLOCK=[0 1]
100K
120
140K
KHz
PWMCLOCK=[1 0]
FPWM_NOM
*2
PWMCLOCK=[0 0]
FPWM_NOM
/2
CLKDC
Duty cycle
48
50
52
%
VCLK_High
Maximum voltage level
Clock output high value
Load = 20Kohm and 100pF
to buffered SVR
VP25-0.1
VP25
V
VCLK_Low
Minimum voltage level
Clock output low value
Load = 20Kohm and 100pF
to buffered SVR
VM25-0.1
VM25
V
VCLK-P-P
Peak-peak voltage
Load = 20Kohm and 100pF
to SVR
-10%
4.7
+10%
V
Dither cap charge current Dither pin voltage= 2.5V
-20%
100
+20%
µA
Dither cap discharge
current
-20%
100
+20%
µA
Peak-peak dither voltage
swing
1.4
1.6
1.7
V
Dither external clock
determination
Voltage at the dither pin at to
select external clock function
VDIG-0.2
V
No dither
Voltage at the dither pin at
which no dither will occur
VDGND
+0.2
V
Peak FPWM increase due
to dither
Cdither=100nF
+8
+10
+12
%
Peak FPWM decrease due
to dither
Cdither=100nF
-8
-10
-12
%
Triangular peak value
VGND+
1V
VDIG-
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com