Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 61 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 56Page - STMicroelectronics TDA7572 Datasheet HTML 57Page - STMicroelectronics TDA7572 Datasheet HTML 58Page - STMicroelectronics TDA7572 Datasheet HTML 59Page - STMicroelectronics TDA7572 Datasheet HTML 60Page - STMicroelectronics TDA7572 Datasheet HTML 61Page - STMicroelectronics TDA7572 Datasheet HTML 62Page - STMicroelectronics TDA7572 Datasheet HTML 63Page - STMicroelectronics TDA7572 Datasheet HTML 64Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 61 / 64 page
background image
TDA7572
Applications
61/64
14.3
THD+N step-up on
The graph below report the THD+N vs. Pout of a TDA7572 board with step-up on and 50Hz
input sine wave. Condition and step to made the board working are:
1.
connect a voltage supplier to the connector J1: Positive terminal (max 14V) connected
to L14V, ground terminal connected to -Vs.
2.
connect the differential input signal on INP and INM BNC input or connect the single
ended input on the INP BNC and short cut the INM BNC.
3.
connect the load of 4Ohm to the connector J2.
4.
turn-on the device by means of MODE0 switch.
5.
put in play the device by operating on MUTE switch
Figure 16.
THD+N step-up on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com