Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 13Page - STMicroelectronics TDA7572 Datasheet HTML 14Page - STMicroelectronics TDA7572 Datasheet HTML 15Page - STMicroelectronics TDA7572 Datasheet HTML 16Page - STMicroelectronics TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
TDA7572
Electrical specifications
17/64
V14 – UVLO
V14-
Auto-tristate supply
voltage V14 negative
slope
The IC is kept in tristate if 14V -
VSM become lower than this value
5.5
7
V
V14+
Auto-tristate supply
voltage V14 positive
slope
The IC is goes out from tristate if
14V-VSM become higher than this
value
6.5
8
V
V14h
Auto-tristate 14V voltage
hysteresis
Comparator hysteresis for auto-
tristate threshold
0.8
V
V14su
Step-up tristate
The step-up is in tristate when
voltage lower than this threshold
58
V
V14mute-
Auto-mute supply
voltage V14 negative
slope
The IC goes in mute if 14V-VSM
become lower than this value
V14-
+
0.7V
V14-
+
1.2V
V
V14mute+
Auto-mute supply
voltage V14 positive
slope
The IC goes in play if 14V-VSM
become higher than this value
V14V+
+
40mV
V14V+
+
170mV
SVR – UVLO
Vsvr-
Auto-tristate SVR
voltage negative slope
The IC is kept in tristate if VSvr -
VSM become less than this value
Vautomute VSetting-VSVR=VVSVR
-15%
5
x
VVSVR
+15%
V
Vsvr+
Auto-tristate SVR
voltage positive slope
The IC is goes out from tristate if
Vvr - VSM become higher than this
value
Vautomute VSetting-VSVR=VVSVR
-15%
6
x
VVSVR
+15%
V
VPOH
Auto-tristate SVR
Voltage
hysteresis
Comparator hysteresis for auto-
tristate threshold
Vautomute VSetting-VSVR=VVSVR
0.40
X
VVSVR
1.2V
X
VVSVR
V
Table 7.
Under voltage lockout (continued)
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com