Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 16Page - STMicroelectronics TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics TDA7572 Datasheet HTML 23Page - STMicroelectronics TDA7572 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
Electrical specifications
TDA7572
20/64
Attenuation step size
INLEVEL1=0, INLEVEL0=0
0.5-0.25
0.5
0.5+
0.25
dB
INLEVEL1=0, INLEVEL0=1
0.44-
0.25
0.44
0.44+
0.25
INLEVEL1=1, INLEVEL0=0
0.55-
0.25
0.55
0.55+
0.25
INLEVEL1=1, INLEVEL0=1
0.48-
0.25
0.48
0.48+
0.25
Gain Change ZC
comparator offset
(in the diff. – S.E. block)
offset
Observed at AOUT pin
ZC crossing must be detected
within 50mV of the actual zero
crossing,
-80
80
mV
Gain Change ZC
comparator offset
(in the diff. – S.E. block)
offset
Observed at InvOut pin
ZC crossing must be detected
-220
+220
mV
Mute
Mute attenuation
Mute pin voltage = Dgnd
Vin=1Vrms
90
dB
Charge current
Mute Pin Voltage(57) = 1.5V
-30%
100
+30%
µA
Discharge current
Mute Pin Voltage(57) = 1.5V
-30%
100
+30%
µA
Mute threshold
Maximum voltage where we must
be in complete mute
1.5
V
Unmute threshold
2.5
V
Mute to unmute transition
voltage
0.2
0.3
0.42
V
Vol
IC in mute mode, FastMute=1
Iout=0
Digital
GND +
0.1
V
Voh
IC in unmute, Iout=0
VDIGITAL-
0.1
V
Fast mute Resistance
FASTMUTE=1
Vmutepin=1.5Volts
420
550
680
Ohm
Table 8.
Input stage
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com