Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 12Page - STMicroelectronics TDA7572 Datasheet HTML 13Page - STMicroelectronics TDA7572 Datasheet HTML 14Page - STMicroelectronics TDA7572 Datasheet HTML 15Page - STMicroelectronics TDA7572 Datasheet HTML 16Page - STMicroelectronics TDA7572 Datasheet HTML 17Page - STMicroelectronics TDA7572 Datasheet HTML 18Page - STMicroelectronics TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
Electrical specifications
TDA7572
16/64
4.3.2
Under voltage lockout
VSPLIT
Operating voltage VSP -
VSM split supply rails
Normal operation required
Split supply application
configuration,
VSM<VSVR-4,
VSP>VSVR+4
848
58
V
Istdby
Stand-by current
IC in standby, Mode0, and Mode1
low Vs = 42V
50 at
T = 25°C
10 at
T = 85°C
μA
Itristate
Tristate current
Outputs tristated
Booster not running,
Fpwm = nominal
V14
13
20
mA
VSP
15
25
IMUTE
Mute mode current
MUTE asserted,
V14
10
mA
VSP
20
Table 6.
Operating voltage and current (continued)
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Table 7.
Under voltage lockout
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
VLimAM
AutomuteVSetting
pin
voltage limit
Voltage limit respect to the SVR pin
Allowed voltage range on Automute
pin
0.5
2.1
V
VSP UVLO
VAM
Auto-mute supply
voltage VSP
Mute is forced if VSP-VSVR or
VSVR-VSM is less than this value
VautomuteVSetting-VSVR=VVSVR
-15%
VVSVR*
7
+15%
V
VPO-
Auto-tristate supply
voltage VSP negative
slope
The IC is set in tristate if VSP-VSM
is less than this value
Vautomute VSetting-VSVR=VVSVR
-15%
VVSVR
*12
+15%
V
VPO+
Auto-tristate supply
voltage VSP positive
slope
The IC is set out from tristate if
VSP-VSM is higher than this value
Vautomute VSetting-VSVR=VVSVR
-15%
VVSVR
*13
+15%
V
VU
Auto-tristate supply
voltage VSP
Relative maximum value
The IC is set in tristate if VSP-VSM
is more than this value
Vautomute VSetting-VSVR=VVSVR
-15%
VVSVR*
48
+15%
V
VUC
Auto-tristate supply
voltage
VSP
Absolute maximum
value
The IC is set in tristate if VSP-VSM
is higher than this value
60
63
66
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com