Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 19Page - STMicroelectronics TDA7572 Datasheet HTML 20Page - STMicroelectronics TDA7572 Datasheet HTML 21Page - STMicroelectronics TDA7572 Datasheet HTML 22Page - STMicroelectronics TDA7572 Datasheet HTML 23Page - STMicroelectronics TDA7572 Datasheet HTML 24Page - STMicroelectronics TDA7572 Datasheet HTML 25Page - STMicroelectronics TDA7572 Datasheet HTML 26Page - STMicroelectronics TDA7572 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 64 page
background image
TDA7572
Electrical specifications
23/64
4.3.7
Diagnostics
NVGS_ON
NFET gate voltage that will
block PFET enhancement
2.5
V
NVGS_OFF
NFET gate voltage that will
allow PFET enhancement
3.5
V
Table 11.
Gate drive and output stage control (continued)
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Table 12.
Diagnostics
Symbol
Parameters
Test conditions
Min.
Typ.
Max.
Units
Turn-on diagnostics/ Power up diagnostics
ITEST
Test current for short/open
-15%
2.45/(3*
Riset)
+15%
mA
Ri set = 56ohm
-15%
15
+15%
RISET allowed range
5.6
ohm
VLSSHRT
Short threshold to lower
supply rail
-Vs +1
V
VNOP
Normal operation
thresholds
-Vs+2
-Vs+5.5
V
Short to supply
-Vs+8
Shorted load
6mV
Normal load
.025
1
V
Open load
2
V
Test charge current
-30%
10µA
+30%
µA
tTEST
Test time
60
80
100
ms
Permanent Diagnostics
VoffACT
DC offset detected
+-3
Volts
VoffACT
DC offset not detected,
normal operation allowed
+-1.2
Volts
Temperature
TWARN
Chip thermal warning
135
150
165
°C
Chip thermal warning
hysteresis
35
7
T
Chip thermal shutdown
155
160
175
°C
Shutdown hysteresis
3
5
7
°C
External thermal warning
-10%
VDIG *.4
+10%
V
External thermal warning
hysteresis
Vdig*0.0
30
Vdig*0.
044
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com