Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 34Page - STMicroelectronics TDA7572 Datasheet HTML 35Page - STMicroelectronics TDA7572 Datasheet HTML 36Page - STMicroelectronics TDA7572 Datasheet HTML 37Page - STMicroelectronics TDA7572 Datasheet HTML 38Page - STMicroelectronics TDA7572 Datasheet HTML 39Page - STMicroelectronics TDA7572 Datasheet HTML 40Page - STMicroelectronics TDA7572 Datasheet HTML 41Page - STMicroelectronics TDA7572 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Input stage and gain compressor
TDA7572
38/64
is clipping during that period. The THD estimate is calculated from the ratio between these
times. Clipping means are any of the following conditions occurred: maximum modulation
reached, output current limiting active, or voltage clipping at the AOUT pin. These are used
to estimate THD, which is then mapped to a desired number of discrete steps of gain
reduction. Attenuation is then changed at the next zero crossing of the signal at the Input
Stage block
The attack time sets the minimum time allowed between gain reductions. At low frequency
signals, where the time between zero crossings is greater than the attack time, the attack
rate is dictated by the signal frequency, rather than this setting. Similarly, the decay time sets
the minimum time allowed between gain increases, with the same caveats about rate
dictated by the signal frequency.
The major tuning control here is the distortion-to-attenuation lookup table. It will determine
how aggressively to operate and thus the relative amount of audible artifact. Decay time
adjustment can be varied for audible effect and to mange average power.
Following are reported the correspondence between I2C bus registers and coefficients for
Attack and decay time. The first table reports the one for compressor setting:
6.2.1
Setting in I2C bus mode
GainTable[1:0]: Selects the distortion versus gain step size table to be used, including the
ability to disable the gain compressor.
RELEASE[1:0]: Sets the maximum release rate of the gain compressor according to the
table below:
Table 28.
Distortion versus gain step size
GainTable [1:0]
Pseudo THD,% / T2/T1 ratio
Number of gain steps
00
Gain compressor disabled
01
0.02
3.0
1
2
10
0.02
3.0
5.0
1
2
3
11
0.02
3.0
5.0
15.0
1
2
3
4
Table 29.
Sets the maximum release rate of the gain compressor
Release [1:0]
Clock counts
Nominal time at 400KHz clock
00
213
20.48ms
01
214
40.96ms
10
215
81.92ms
11
216
163.4ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com