Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 42 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 38Page - STMicroelectronics TDA7572 Datasheet HTML 39Page - STMicroelectronics TDA7572 Datasheet HTML 40Page - STMicroelectronics TDA7572 Datasheet HTML 41Page - STMicroelectronics TDA7572 Datasheet HTML 42Page - STMicroelectronics TDA7572 Datasheet HTML 43Page - STMicroelectronics TDA7572 Datasheet HTML 44Page - STMicroelectronics TDA7572 Datasheet HTML 45Page - STMicroelectronics TDA7572 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
Modulator
TDA7572
42/64
Pulse injection is being used with the clocked PWM scheme to prevent missing pulses from
an over-modulation condition. The minimum pulse width is dynamically determined by
looking at the delay from the comparator output to the actual switching of the FET stage.
This delay is used to extend any pulses from the modulator that would otherwise be too
short. Circuitry is provided to keep the integrator hovering near the level at which limiting
first occurred, which prevents transients once we leave the over modulation condition. This
is done by summing in a current that is proportional to the amount of time that the pulse is
extended.
Since only three- state modulation is supported, it may prove necessary to slightly delay the
clock going to one modulator to prevent the noise from the switching of one modulator
affecting the second modulator when there is no audio input. This can be done with a small
RC on the clock feeding one modulator. The same result could be obtained adding the RC
on the feedback feeding one modulator.
The reference voltage of the modulator changes from SVR at it's input, to Vcc/2 at its output.
This allows output signal to be centered between the supply rails, increasing unclipped
output voltage swing by preventing asymmetric clipping. This is accomplished using the
LVLSFT pin, as described in the previous paragraph. It has been pointed out that there is
potential for abrupt transients at the output stage, as this scheme will attempt to have the
outputs track VCC/2, while it may be better for avoiding pops to have them rise slowly with
SVR. The end user needs to make this decision by making or not the connection between
HVCC and LVLSFT pin. Will not be present pop noise in a system with perfect symmetry
between the two modulators branch. Pop noise will rise with increasing of asymmetry.
7.1
FET drive
Gate drive circuits are provided to drive complementary external FETS. An internal regulator
to supply the low side gate drivers provides a voltage 10V above VSM. This fully enhances
the FETs without exceeding their VGS limits. A separate regulator 10V below VSP, is used
for the high side gate drivers.
Shoot-through is prevented by sensing VGS of each FET with a dedicated sense line
(GateSensing), and blocking the opposite FET turn-on if the active FET in a ½ bridge has a
|VGS|> |VThreshold|. This allows discrete components to be used to adjust gate charging
without concern over shoot-through.
The drivers are capable to provide high current for a short time (about 5µs) and a lower
current after this time(~150mA). This is done to give enough charge current at the
commutation and avoid short-cut overcurrent.
The VDS of the enhanced FET of each ½ bridge is used monitor current and detect
overcurrent condition. The sensed VDS signal is blanked such that sensing is only active
when the FET is enhanced and any turn on transients have settled. There are two type of
overcurrent intervention: current limitation, cycle-by-cycle limitation. The current limitation
Table 32.
PWMClock table
PWMClock [1:0]
Ratio
Nominal frequency
00
FNOM/2
55KHz
01
FNOM
110KHz
10
FNOM*2
220KHz
11
FNOM
110KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com