Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7572 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7572
Description  200W mono bridge PWM amplifier with built-in step-up converter
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7572 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7572 Datasheet HTML 37Page - STMicroelectronics TDA7572 Datasheet HTML 38Page - STMicroelectronics TDA7572 Datasheet HTML 39Page - STMicroelectronics TDA7572 Datasheet HTML 40Page - STMicroelectronics TDA7572 Datasheet HTML 41Page - STMicroelectronics TDA7572 Datasheet HTML 42Page - STMicroelectronics TDA7572 Datasheet HTML 43Page - STMicroelectronics TDA7572 Datasheet HTML 44Page - STMicroelectronics TDA7572 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
TDA7572
Modulator
41/64
7
Modulator
The modulator PWM is the main function of device. Two modulators are provided which are
operated independently but configured for bridged mono operations. They are synchronized
by virtue of the common clock that drives them and operate as a three-state modulator
(phase shifting PWM modulation type) when the audio is inverted going to one modulator.
This inversion is accommodated by a dedicated inverter block present between the InvIn
and InvOut pin.
Figure 5.
Modulator block diagram
The above scheme reports the application circuits and internal block involved in the PWM
modulator. The analog signal is differential to single ended converted by the amplifier. The
signal obtained is inserted as current in the virtual ground of modulator MOD0. The
conversion is obtained trough R1 resistor. The same signal, output of AOUT, is inverted and
inserted in the virtual ground MOD1 through the resistor R1.
In order to obtain a PWM signal a square wave is inserted in both MOD0 and MOD1 through
the RQ resistor. The Gain of Modulator is equal to the ratio of R1/R2. In Order to choose the
value of RQ has to take into account the stability of modulator, guarantee if the following
relation is respected:
Equation 1
Clocked PWM modulators using an integrated T-network double integrator are implemented.
The end user has the ability to trade distortion for EMI by switching faster or slower,
controlled by PWMClock[1:0] in the modulator register.
SVR
R2
InvOut
InvIn
OSCOut
MOD1
MOD2
HB1Out
HB2Out
VHB1OutF
VHB2OutF
R2
Aout
R1
R1
RQ
RQ
OSC
Diff -To S.E.
Inv
MOD0
MOD1
AC00017
VP2.5
RQ
-----------------
VAOUTmax
R1
----------------------------------
VSP
VSVR
–
R2
------------------------------------
+
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com