Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 39 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 39 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 35Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 36Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 42Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 43Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
Revision 1.0
Page 39 of 78
nRF24L01+ Product Specification
7.6
MultiCeiver™
MultiCeiver™ is a feature used in RX mode that contains a set of six parallel data pipes with unique add-
resses. A data pipe is a logical channel in the physical RF channel. Each data pipe has its own physical
address (data pipe address) decoding in the nRF24L01+.
Figure 12. PRX using MultiCeiver™
nRF24L01+ configured as PRX (primary receiver) can receive data addressed to six different data pipes in
one frequency channel as shown in Figure 12. Each data pipe has its own unique address and can be con-
figured for individual behavior.
Up to six nRF24L01+s configured as PTX can communicate with one nRF24L01+ configured as a PRX. All
data pipe addresses are searched for simultaneously. Only one data pipe can receive a packet at a time.
All data pipes can perform Enhanced ShockBurst™ functionality.
The following settings are common to all data pipes:
•
CRC enabled/disabled (CRC always enabled when Enhanced ShockBurst™ is enabled)
•
CRC encoding scheme
•
RX address width
•
Frequency channel
•
Air data rate
•LNA gain
The data pipes are enabled with the bits in the EN_RXADDR register. By default only data pipe 0 and 1 are
enabled. Each data pipe address is configured in the RX_ADDR_PX registers.
Note: Always ensure that none of the data pipes have the same address.
PRX
PTX1
PTX2
PTX3
PTX4
PTX5
PTX6
Data
Pipe
1
Dat
a Pi
pe 0
Frequency Channel N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com