Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 37 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 37 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 33Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 34Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 35Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 36Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 41Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
Revision 1.0
Page 37 of 78
nRF24L01+ Product Specification
7.5.2
PRX operation
The flowchart in Figure 11. outlines how a nRF24L01+ configured as a PRX behaves after entering
standby-I mode.
Note: ShockBurst™ operation is outlined with a dashed square.
Figure 11. PRX operations in Enhanced ShockBurst™
Activate PRX mode by setting the CE pin high. The nRF24L01+ enters RX mode and starts searching for
packets. If a packet is received and Auto Acknowledgement is enabled, nRF24L01+ decides if the packet
is new or a copy of a previously received packet. If the packet is new the payload is made available in the
Start Primary RX
Standby-I mode
Is CE =1?
TX mode
Transmit ACK
Is Auto
Acknowledgement
enabled?
RX mode
Yes
No
No_ACK set in
received packet?
Is the received
packet a new
packet?
TX Settling
Was there payload
attached with the last
ACK?
RX Settling
Pending
payload in TX
FIFO?
Put payload in RX
FIFO and
set RX_DR IRQ
Packet
received?
Yes
No
No
Yes
Is CE =1?
No
Yes
Put payload in RX
FIFO and
set RX_DR IRQ
Discard packet
No
Yes
Yes
TX mode
Transmit ACK with
payload
TX Settling
No
Set TX_DS IRQ
Yes
No
Yes
No
ShockBurst operation
RX FIFO
Full?
No
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com