Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 63 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 63 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 60Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 61Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 62Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 63Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 64Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 65Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 66Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 67Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 78 page
background image
Revision 1.0
Page 63 of 78
nRF24L01+ Product Specification
Table 28. Register map of nRF24L01+
DPL_P2
2
0
R/W Enable dynamic payload length data pipe 2.
(Requires EN_DPL and ENAA_P2)
DPL_P1
1
0
R/W Enable dynamic payload length data pipe 1.
(Requires EN_DPL and ENAA_P1)
DPL_P0
0
0
R/W Enable dynamic payload length data pipe 0.
(Requires EN_DPL and ENAA_P0)
1D
FEATURE
R/W Feature Register
Reserved
7:3
0
R/W Only ‘00000’ allowed
EN_DPL
2
0
R/W Enables Dynamic Payload Length
EN_ACK_PAYd
1
0
R/W Enables Payload with ACK
EN_DYN_ACK
0
0
R/W Enables the W_TX_PAYLOAD_NOACK command
a. Please take care when setting this parameter. If the ACK payload is more than 15 byte in 2Mbps mode the
ARD must be 500µS or more, if the ACK payload is more than 5byte in 1Mbps mode the ARD must be
500µS or more. In 250kbps mode (even when the payload is not in ACK) the ARD must be 500µS or more.
Please see section
7.4.2 on page 33 for more information.
b. This is the time the PTX is waiting for an ACK packet before a retransmit is made. The PTX is in RX mode
for 250µS (500µS in 250kbps mode) to wait for address match. If the address match is detected, it stays in
RX mode to the end of the packet, unless ARD elapses. Then it goes to standby-II mode for the rest of the
specified ARD. After the ARD it goes to TX mode and then retransmits the packet.
c. The RX_DR IRQ is asserted by a new packet arrival event. The procedure for handling this interrupt should
be: 1) read payload through SPI, 2) clear RX_DR IRQ, 3) read FIFO_STATUS to check if there are more
payloads available in RX FIFO, 4) if there are more data in RX FIFO, repeat from step 1).
d. If ACK packet payload is activated, ACK packets have dynamic payload lengths and the Dynamic Payload
Length feature should be enabled for pipe 0 on the PTX and PRX. This is to ensure that they receive the
ACK packets with payloads. If the ACK payload is more than 15 byte in 2Mbps mode the ARD must be
500µS or more, and if the ACK payload is more than 5 byte in 1Mbps mode the ARD must be 500µS or
more. In 250kbps mode (even when the payload is not in ACK) the ARD must be 500µS or more.
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com