Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 51 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 51 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 47Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 48Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 49Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 50Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 51Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 52Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 53Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 54Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 55Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 78 page
background image
Revision 1.0
Page 51 of 78
nRF24L01+ Product Specification
Table 20. Command set for the nRF24L01+ SPI
The W_REGISTER and R_REGISTER commands operate on single or multi-byte registers. When accessing
multi-byte registers read or write to the MSBit of LSByte first. You can terminate the writing before all bytes
in a multi-byte register are written, leaving the unwritten MSByte(s) unchanged. For example, the LSByte
of RX_ADDR_P0 can be modified by writing only one byte to the RX_ADDR_P0 register. The content of the
status register is always read to MISO after a high to low transition on CSN.
Command name
Command
word (binary)
# Data bytes
Operation
R_REGISTER
000A AAAA 1 to 5
LSByte first
Read command and status registers. AAAAA =
5 bit Register Map Address
W_REGISTER
001A AAAA 1 to 5
LSByte first
Write command and status registers. AAAAA = 5
bit Register Map Address
Executable in power down or standby modes
only.
R_RX_PAYLOAD
0110 0001
1 to 32
LSByte first
Read RX-payload: 1 – 32 bytes. A read operation
always starts at byte 0. Payload is deleted from
FIFO after it is read. Used in RX mode.
W_TX_PAYLOAD
1010 0000
1 to 32
LSByte first
Write TX-payload: 1 – 32 bytes. A write operation
always starts at byte 0 used in TX payload.
FLUSH_TX
1110 0001
0
Flush TX FIFO, used in TX mode
FLUSH_RX
1110 0010
0
Flush RX FIFO, used in RX mode
Should not be executed during transmission of
acknowledge, that is, acknowledge package will
not be completed.
REUSE_TX_PL
1110 0011
0
Used for a PTX device
Reuse last transmitted payload.
TX payload reuse is active until
W_TX_PAYLOAD or FLUSH TX is executed. TX
payload reuse must not be activated or deacti-
vated during package transmission.
R_RX_PL_WIDa
0110 0000
1
Read RX payload width for the top
R_RX_PAYLOAD
in the RX FIFO.
Note:
Flush RX FIFO if the read value is larger
than 32 bytes.
W_ACK_PAYLOADa
1010 1PPP
1 to 32
LSByte first
Used in RX mode.
Write Payload to be transmitted together with
ACK packet on PIPE PPP. (PPP valid in the
range from 000 to 101). Maximum three ACK
packet payloads can be pending. Payloads with
same PPP are handled using first in - first out
principle. Write payload: 1– 32 bytes. A write
operation always starts at byte 0.
W_TX_PAYLOAD_NO
ACKa
1011 0000
1 to 32
LSByte first
Used in TX mode. Disables AUTOACK on this
specific packet.
NOP
1111 1111
0
No Operation. Might be used to read the STATUS
register
a. The bits in the FEATURE register shown in
Table 28. on page 63 have to be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com