Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 49 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 49 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 45Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 46Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 47Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 48Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 49Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 50Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 51Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 52Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 53Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
Revision 1.0
Page 49 of 78
nRF24L01+ Product Specification
7.9
Compatibility with ShockBurst™
You must disable Enhanced ShockBurst™ for backward compatibility with the nRF2401A, nRF2402,
nRF24E1 and nRF24E2. Set the register EN_AA = 0x00 and ARC = 0 to disable Enhanced ShockBurst™.
In addition, the nRF24L01+ air data rate must be set to 1Mbps or 250kbps.
7.9.1
ShockBurst™ packet format
Figure 25. shows the packet format with MSB to the left.
Figure 25. A ShockBurst™ packet compatible with nRF2401/nRF2402/nRF24E1/nRF24E2 devices.
The ShockBurst™ packet format has a preamble, address, payload and CRC field that are the same as
the Enhanced ShockBurst™ packet format described in section 7.3 on page 28.
The differences between the ShockBurst™ packet and the Enhanced ShockBurst™ packet are:
•
The 9 bit Packet Control Field is not present in the ShockBurst™ packet format.
•
The CRC is optional in the ShockBurst™ packet format and is controlled by the EN_CRC bit in the
CONFIG
register.
Preamble 1 byte
Address 3-5 byte
Payload 1 - 32 byte
CRC 1-2
byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com