Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 61 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 61 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 57Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 58Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 59Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 60Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 61Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 62Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 63Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 64Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 65Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 78 page
background image
Revision 1.0
Page 61 of 78
nRF24L01+ Product Specification
RX_PW_P3
5:0
0
R/W Number of bytes in RX payload in data pipe 3 (1 to
32 bytes).
0 Pipe not used
1 = 1 byte
…
32 = 32 bytes
15
RX_PW_P4
Reserved
7:6
00
R/W Only '00' allowed
RX_PW_P4
5:0
0
R/W Number of bytes in RX payload in data pipe 4 (1 to
32 bytes).
0 Pipe not used
1 = 1 byte
…
32 = 32 bytes
16
RX_PW_P5
Reserved
7:6
00
R/W Only '00' allowed
RX_PW_P5
5:0
0
R/W Number of bytes in RX payload in data pipe 5 (1 to
32 bytes).
0 Pipe not used
1 = 1 byte
…
32 = 32 bytes
17
FIFO_STATUS
FIFO Status Register
Reserved
7
0
R/W Only '0' allowed
TX_REUSE
6
0
R
Used for a PTX device
Pulse the rfce high for at least 10µs to Reuse last
transmitted payload. TX payload reuse is active
until W_TX_PAYLOAD or FLUSH TX is executed.
TX_REUSE
is set by the SPI command
REUSE_TX_PL
, and is reset by the SPI commands
W_TX_PAYLOAD
or FLUSH TX
TX_FULL
5
0
R
TX FIFO full flag. 1: TX FIFO full. 0: Available loca-
tions in TX FIFO.
TX_EMPTY
4
1
R
TX FIFO empty flag.
1: TX FIFO empty.
0: Data in TX FIFO.
Reserved
3:2
00
R/W Only '00' allowed
RX_FULL
1
0
R
RX FIFO full flag.
1: RX FIFO full.
0: Available locations in RX FIFO.
RX_EMPTY
0
1
R
RX FIFO empty flag.
1: RX FIFO empty.
0: Data in RX FIFO.
Address
(Hex)
Mnemonic
Bit
Reset
Value
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com