Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 41 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 41 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 37Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 38Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 39Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 40Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 41Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 42Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 43Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 44Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 45Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
Revision 1.0
Page 41 of 78
nRF24L01+ Product Specification
The PRX, using MultiCeiver™ and Enhanced ShockBurst™, receives packets from more than one PTX. To
ensure that the ACK packet from the PRX is transmitted to the correct PTX, the PRX takes the data pipe
address where it received the packet and uses it as the TX address when transmitting the ACK packet.
Figure 14. is an example of an address configuration for the PRX and PTX. On the PRX the RX_ADDR_Pn,
defined as the pipe address, must be unique. On the PTX the TX_ADDR must be the same as the
RX_ADDR_P0
and as the pipe address for the designated pipe.
Figure 14. Example of data pipe addressing in MultiCeiver™
Only when a data pipe receives a complete packet can other data pipes begin to receive data. When mul-
tiple PTXs are transmitting to a PRX, the ARD can be used to skew the auto retransmission so that they
only block each other once.
PRX
PTX1
PTX2
PTX3
PTX4
PTX5
PTX6
Data
Pipe
1
Dat
a Pi
pe 0
Frequency Channel N
TX
_A
DD
R:
0x
B3
B4
B5
B6
05
RX
_A
DD
R_
P0
:0
xB
3B
4B
5B
60
5
TX_A
DDR:
0xB3
B4B5
B6CD
RX_A
DDR_
P0:0
xB3B
4B5B
6CD
TX_ADD
R:
0xB3B4
B5B6F1
RX_ADD
R_P0:0
xB3B4B
5B6F1
TX_
ADD
R:
0x7
878
787
878
RX_
ADD
R_P
0:0
x78
787
878
78
Addr Data Pipe 0 (RX_ADDR_P0): 0x7878787878
Addr Data Pipe 1 (RX_ADDR_P1): 0xB3B4B5B6F1
Addr Data Pipe 2 (RX_ADDR_P2): 0xB3B4B5B6CD
Addr Data Pipe 3 (RX_ADDR_P3): 0xB3B4B5B6A3
Addr Data Pipe 4 (RX_ADDR_P4): 0xB3B4B5B60F
Addr Data Pipe 5 (RX_ADDR_P5): 0xB3B4B5B605



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com