Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 18 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 18 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 14Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 15Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 16Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 17Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 18Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 19Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 20Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 21Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 22Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
Revision 1.0
Page 18 of 78
nRF24L01+ Product Specification
Note: Wanted signal level at Pin = -64 dBm. Two interferers with equal input power are used. The
interferer closest in frequency is unmodulated, the other interferer is modulated equal with the
wanted signal. The input power of interferers where the sensitivity equals BER = 0.1% is pre-
sented.
Table 10. RX intermodulation test performed according to Bluetooth Specification version 2.0
Datarate Symbol
Parameter (condition)
Notes Min. Typ. Max. Units
2Mbps
P_IM(6 Input power of IM interferers at 6 and 12MHz offset
from wanted signal
-42
dBm
P_IM(8) Input power of IM interferers at 8 and 16MHz offset
from wanted signal
-38
dBm
P_IM(10) Input power of IM interferers at 10 and 20MHz offset
from wanted signal
-37
dBm
1Mbps
P_IM(3) Input power of IM interferers at 3 and 6MHz offset
from wanted signal
-36
dBm
P_IM(4) Input power of IM interferers at 4 and 8MHz offset
from wanted signal
-36
dBm
P_IM(5) Input power of IM interferers at 5 and 10MHz offset
from wanted signal
-36
dBm
250kbps P_IM(3) Input power of IM interferers at 3 and 6MHz offset
from wanted signal
-36
dBm
P_IM(4) Input power of IM interferers at 4 and 8MHz offset
from wanted signal
-36
dBm
P_IM(5) Input power of IM interferers at 5 and 10MHz offset
from wanted signal
-36
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com