Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 11 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 11 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 7Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 8Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 9Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 10Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 11Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 12Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 13Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 14Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 15Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 78 page
background image
Revision 1.0
Page 11 of 78
nRF24L01+ Product Specification
2.2
Pin functions
Table 1. nRF24L01+ pin function
Pin
Name
Pin function
Description
1
CE
Digital Input
Chip Enable Activates RX or TX mode
2
CSN
Digital Input
SPI Chip Select
3
SCK
Digital Input
SPI Clock
4
MOSI
Digital Input
SPI Slave Data Input
5
MISO
Digital Output
SPI Slave Data Output, with tri-state option
6
IRQ
Digital Output
Maskable interrupt pin. Active low
7
VDD
Power
Power Supply (+1.9V - +3.6V DC)
8
VSS
Power
Ground (0V)
9
XC2
Analog Output Crystal Pin 2
10
XC1
Analog Input
Crystal Pin 1
11
VDD_PA
Power Output Power Supply Output (+1.8V) for the internal
nRF24L01+ Power Amplifier. Must be connected
to ANT1 and ANT2 as shown in Figure 32.
12
ANT1
RF
Antenna interface 1
13
ANT2
RF
Antenna interface 2
14
VSS
Power
Ground (0V)
15
VDD
Power
Power Supply (+1.9V - +3.6V DC)
16
IREF
Analog Input
Reference current. Connect a 22k
Ω resistor to
ground. See Figure 32.
17
VSS
Power
Ground (0V)
18
VDD
Power
Power Supply (+1.9V - +3.6V DC)
19
DVDD
Power Output Internal digital supply output for de-coupling pur-
poses. See Figure 32.
20
VSS
Power
Ground (0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com