Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 53 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 53 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 49Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 50Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 51Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 52Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 53Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 54Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 55Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 56Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 57Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 78 page
background image
Revision 1.0
Page 53 of 78
nRF24L01+ Product Specification
Figure 29. shows the Rpull and Cload that are referenced in Table 22. to Table 27.
Figure 29. Rpull and Cload
Table 22. SPI timing parameters (Cload = 5pF)
Symbol
Parameters
Min.
Max
Units
Tdc
Data to SCK Setup
2
ns
Tdh
SCK
to Data Hold
2
ns
Tcsd
CSN
to Data Valid
38
ns
Tcd
SCK
to Data Valid
55
ns
Tcl
SCK
Low Time
40
ns
Tch
SCK
High Time
40
ns
Fsck
SCK
Frequency
0
10
MHz
Tr,Tf
SCK
Rise and Fall
100
ns
Tcc
CSN
to SCK Setup
2
ns
Tcch
SCK
to CSN Hold
2
ns
Tcwh
CSN
Inactive time
50
ns
Tcdz
CSN
to Output High Z
38
ns
Symbol
Parameters
Min.
Max
Units
Tdc
Data to SCK Setup
2
ns
Tdh
SCK
to Data Hold
2
ns
Tcsd
CSN
to Data Valid
42
ns
Tcd
SCK
to Data Valid
58
ns
Tcl
SCK
Low Time
40
ns
Tch
SCK
High Time
40
ns
Fsck
SCK
Frequency
0
8
MHz
Tr,Tf
SCK
Rise and Fall
100
ns
Tcc
CSN
to SCK Setup
2
ns
Vdd
Rpull
Cload
External
nRF24L01+ pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com