Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRF24L01P-R Datasheet(PDF) 21 Page - Nordic Semiconductor

Part # NRF24L01P-R
Description  Single Chip 2.4GHz Transceiver
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF24L01P-R Datasheet(HTML) 21 Page - Nordic Semiconductor

Back Button NRF24L01P-R Datasheet HTML 17Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 18Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 19Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 20Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 21Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 22Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 23Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 24Page - Nordic Semiconductor NRF24L01P-R Datasheet HTML 25Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
Revision 1.0
Page 21 of 78
nRF24L01+ Product Specification
6
Radio Control
This chapter describes the nRF24L01+ radio transceiver’s operating modes and the parameters used to
control the radio.
The nRF24L01+ has a built-in state machine that controls the transitions between the chip’s operating
modes. The state machine takes input from user defined register values and internal signals.
6.1
Operational Modes
You can configure the nRF24L01+ in power down, standby, RX or TX mode. This section describes these
modes in detail.
6.1.1
State diagram
The state diagram in Figure 4. shows the operating modes and how they function. There are three types of
distinct states highlighted in the state diagram:
•
Recommended operating mode: is a recommended state used during normal operation.
•
Possible operating mode: is a possible operating state, but is not used during normal operation.
•
Transition state: is a time limited state used during start up of the oscillator and settling of the PLL.
When the VDD reaches 1.9V or higher nRF24L01+ enters the Power on reset state where it remains in
reset until entering the Power Down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com